lithium ion | copyright? 2012 sanyo energy (u.s.a.) corporation. all rights reserved. the data in this document is for descriptive purposes only and is not intended to make or imply any guarantee or warranty. charge characteristics cycle life characteristics discharge characteristics (by temperature) discharge characteristics (by rate of discharge) features & benefits dimensions specifications for more information on how panasonic can assist you with your battery power solution needs, visit us at www.panasonic.com/industrial/batteries - oem or e - mail secsales@us.panasonic.com . UR18500F ? high energy density and low height ? long, stable power with a flat discharge voltage ? ideal for portable communications, portable computing, and robotics. max. 18.5 mm 9.0 mm max. 49.6 mm charge: cc - cv 0.7c (max) 4.20v, 32ma cut - off at 20 c discharge: cc 1c, 2.75v cut - off at 20 c charge: cc - cv 0.7c (max) 4.20v, 32 ma cut - off at 20 c charge: cc - cv 0.7c (max) 4.20v, 32ma cut - off at 20 c discharge: cc 1c, 2.75v cut - off at each temperature charge: cc - cv 0.7c (max) 4.20v, 32ma cut - off at 20 c discharge: cc, 2.75v cut - off at 20 c (+) ( C ) version 13.02 r1 *with tube for reference only rated capacity (1) min. 1620mah capacity (2) min. 1620mah typ. 1700 mah nominal voltage 3.7v charging cc - cv, std. 1130ma, 4.20v, 3.0 hrs weight (max.) 34.5 g temperature charge: 0 to +45 c discharge: - 20 to +60 c storage: - 20 to +50 c energy density (3) volumetric: 473 wh/l gravimetric: 179 wh/kg (1) at 20 c (2) at 25 c (3) energy density based on bare cell dimensions
|